Electronic Components Datasheet Search
  English  ▼

X  

CP-E 24/5.0 Datasheet (PDF) - ABB

CP-E 24/5.0 Datasheet PDF - ABB
Part # CP-E 24/5.0
Download  CP-E 24/5.0 Download
File Size   750.58 Kbytes
Page   11 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Power supply CP-E 24/5.0 Primary switch mode power supply

CP-E 24/5.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP-E 24/5.0 Datasheet PDF - ABB

Part # CP-E 24/5.0
Download  CP-E 24/5.0 Click to download

File Size   750.58 Kbytes
Page   11 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Power supply CP-E 24/5.0 Primary switch mode power supply

CP-E 24/5.0 Datasheet (HTML) - ABB


CP-E 24/5.0 Product details

Application
The primary switch mode power supply offers two voltage input ranges. This enables the supply with AC or DC. Furthermore it is equipped with two generous capacitors, which ensure mains buffering of at least 30 ms (at 230 V AC). That is why the devices can be used worldwide also in high fluctuating networks and battery‑powered plants.




Similar Part No. - CP-E 24/5.0

ManufacturerPart #DatasheetDescription
logo
ABB
CP-E 24/0.75 ABB-CP-E 24/0.75 Datasheet
51Kb / 3P
CP-E 24/0.75 Power supply In:100-240VAC Out: 24VDC/0.75A
CP-E 24/10.0 ABB-CP-E 24/10.0 Datasheet
718Kb / 11P
Power supply CP-E 24/10.0 Primary switch mode power supply
08/2016
CP-E 24/2.5 ABB-CP-E 24/2.5 Datasheet
53Kb / 3P
CP-E 24/2.5 Power supply In:100-240VAC Out: 24VDC/2.5A
More results


Similar Description - CP-E 24/5.0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Dec-1992
TEA2164S STMICROELECTRONICS-TEA2164S Datasheet
161Kb / 16P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Jan-1998
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Weidmuller
1469490000 WEIDMULLER-1469490000 Datasheet
191Kb / 4P
Power supply, switch-mode power supply unit, 24 V
February 26, 2014
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com